Part Number Hot Search : 
000KHB 12S12 V585ME40 UDN6118A UPD65342 HSM198S UPD65342 SVTA4684
Product Description
Full Text Search
 

To Download FR607GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
FR601GP THRU FR607GP
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
R-6
Glass Passivated Junction Low Leakage Low Forward Voltage Drop High Current Capability Fast Switching Speed For High Efficiency
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number FR601GP FR602GP FR603GP FR604GP FR605GP FR606GP FR607GP Device Marking Maximum Reccurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
D
---------------
A Cathode Mark
B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 6A TA = 55C Current Peak Forward Surge IFSM 300A 8.3ms, half sine Current IFM = 6.0A; Maximum 1.3V Instantaneous VF TA = 25C Forward Voltage Maximum DC Reverse Current At IR 10A TA = 25C Rated DC Blocking 150A TA = 55C Voltage Maximum Reverse Recovery Time 150ns IF=0.5A, IR=1.0A, FR601GP-604GP Trr 250ns Irr=0.25A FR605GP 500ns FR606GP-607GP Typical Junction CJ 150pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
D
C
DIMENSIONS INCHES MIN .340 .340 .048 1.000 MM MIN 8.60 8.60 1.20 25.40
DIM A B C D
MAX .360 .360 .052 ---
MAX 9.10 9.10 1.30 ---
NOTE
www.mccsemi.com
FR601GP thru FR607GP
Figure 1 Typical Forward Characteristics 20 10 6 4 10 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .6 .8 1.0 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.2 1.4 1.6 0 2 Amps 4 8 12 Figure 2 Forward Derating Curve
MCC
6
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
FR601GP thru FR607GP
Figure 4 Peak Forward Surge Current 300 250 200 150 Amps 100 50 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100
MCC
2
Figure 5 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr +0.5A
0 25Vdc Pulse Generator Note 2 1 Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of FR607GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X